Part Number Hot Search : 
KRC841U IRL80 EC4558P 2409D FR301 FMMT5087 C00FK BC859AW
Product Description
Full Text Search
 

To Download 27000XOK910025UCTA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
FEATURES * * * * * Industry-standard 7.0mm x 5.0mm package Frequency Range 10MHz to 50MHz Low supply current <1.7mA at 1.8V supply Supply voltage range, 1.8V, 2.5V or 3.3Volts Tristate function to conserve power
XOK91 Series Oscillators
7 x 5mm Low Power Consumption Clock Oscillator
DESCRIPTION XOK91 oscillators are ideal for battery operated portable or handheld consumer electronic devices where small size and low supply current consumption is essential. A XOK53 oscillator at 27MHz and 1.8 Volts supply consumes less than 1.7mA in operating mode and less than 2 micro Amps in disabled mode. The oscillator is available with supply voltage at 1.8, 2.5 or 3.3 Volts. SPECIFICATION Frequency Range: Frequency Stability Commercial: Industrial: Output Logic: Rise/Fall Time: Fanout: Symmetry: Start-up Time: Load: Voltage Sensitivity: Period Jitter (RMS) 10.0MHz to 50.0MHz 25ppm to 100ppm 0 to +70C 25ppm to 100ppm -40 to +85C HCMOS 4ns typical (10% to 90%Vdd) 12mA typical (+3.0V) 45% minimum, 55% maximum 10ms typical (Vdd reaches 1.62V) 15pF 0.8ppm typical (10%Vdd variation) 2.1ps typical with capacitive decoupling between Vdd and Gnd. Supply Voltage (10%) +1.8V +2.5V +3.3V
OUTLINE & DIMENSIONS
Supply Voltage Dependant Parameters Output Voltage HIGH `1': Output Voltage LOW `0': 10.000MHz 13.500MHz 16.000MHz Current 20.945MHz Consumption 25.000MHz mA typical 27.000MHz 30.000MHz 38.000MHz 50.000MHz
+1.40Vmin. +2.0Vmin. +2.4Vmin. +0.2Vmax. +0.3Vmax. +0.4Vmax. 0.66mA 0.88mA 1.05mA 1.34mA 1.54mA 1.69mA 1.93mA 2.27mA 2.60mA 0.96mA 1.28mA 1.51mA 1.86mA 2.17mA 2.35mA 2.74mA 3.26mA 3.90mA 1.42mA 1.82mA 2.12mA 2.58mA 3.00mA 3.25mA 3.77mA 4.48mA 4.95mA
SOLDER TEMPERATURE PROFILE
Tristate (Pad 1 grounded): 2uA typical 4uA max. (oscillator is off) PART NUMBERING Example:
27.000MHz XOK91050UCTC
Frequency Series Designation XOK91 Stability 100 = 100ppm 050 = 50ppm 025 = 25ppm Output Universal Operating Temp. Range C = Commercial (0~70C) I = Industrial (-40~+85C) Tristate Function Supply Voltage A = 3.3 Volts B = 2.5 Volts C = 1.8 Volts
PHASE NOISE Offset dBc/Hz NOTES Pad 1 Options:
100Hz -80
1kHz -110
10kHz -130
100kHz -138
1MHz -145
Ageing: ESD Protection: Packaging:
Pad 1 connected to ground, output disabled No connection/Logic HIGH, output enabled Disable time 10ms typical Enable time 10ms typical 5ppm per year max. 2000V max., human body model 16mm tape, 8mm pitch. 1000 pieces/reel
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of 27000XOK910025UCTA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X